PART |
Description |
Maker |
APL1087-EC-TR APL1087-EC-TRL APL1087-EC-TU APL1087 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V 800mA的低压差快速反应积极可调稳压器和固.8V.5V.3V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
AIC1117CE AIC1117 AIC1117-28 AIC1117-28CE AIC1117- |
800mA Low Dropout Positive Adjustable
Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation Analog Integrations, Corp.
|
BL8074CC3TR181 BL8074CC3TR121 BL8074CC3TR251 BL807 |
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
|
SHANGHAI BELLING CO., L...
|
SPX1117M3-L-2-5/TR SPX1117M3-L-5-0/TR SPX1117M3-L- |
800mA Low Dropout Voltage Regulator
|
Exar Corporation
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
AZ1117BH-2.5TRE1 AZ1117BH-3.3TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3 800mA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
TS1117S |
800mA Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Company
|
AMS2908-2.85 AMS2908CD-2.85 AMS2908CD-2.5 AMS2908C |
800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压
|
Advanced Monolithic Systems, Inc.
|
SPX1117T-2-5/TR SPX1117HM3/TR SPX1117HM3-L/TR SPX1 |
800mA Low Dropout Voltage Regulator 800mA的低压差稳压
|
Sipex Corporation Exar, Corp. TE Connectivity, Ltd.
|
AIC1732 AIC1732-33 AIC1732-33CX AIC1732-34CX AIC17 |
800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
MC34268 MC34268D MC34268DT MC34268DTRK MC34268STT3 |
800mA, 2.85, SCSI-2 Active Terminator, Low Dropout Voltage Regulator
|
ON Semiconductor
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|